PART |
Description |
Maker |
39372-00 39373-00 39371-00 39374-0909 39374-08 393 |
SR HDR 7.5MM 8 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG RE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 11 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 5 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY RA PLUG 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 3 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 7 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 4 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 7.50mm (.295? Pitch 37 Series Beau? Eurostyle? Pluggable Terminal Blocks 7.50mm (.295隆卤) Pitch 37 Series Beau垄莽 Eurostyle垄莽 Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
39880-0821 39880-0806 |
TRI LEVEL 5.08 21 ASY 1.5MM 2 WIRE BLACK 17.5 A, MODULAR TERMINAL BLOCK, 1 ROW, 3 DECKS LOW PROFILE 3 LEVEL 5.08 6 ASY
|
Molex, Inc. MOLEX INC
|
EMDC-10-1 EMDC-10-1TR |
SR HDR .200CE 10 ASY RA E系列耦合 - 1000兆赫 E-Series Coupler 5 - 1000 MHz
|
MACOM[Tyco Electronics]
|
5223002-2 |
2mm Centerline Futurebus Connectors ( Z-PACK 2mm FB ); FB-5R,ASY,060,SIG,HDR,EN,4.25 ( AMP )
|
Tyco Electronics
|
5120661-1 |
Z-PACK HS3 Connectors and Accessories; Z-PACK HS3 HDR ASY 10R 50P ( AMP )
|
Tyco Electronics
|
0022031182 |
2.5mm B-To-B Hdr SR VerB 18Ckt
|
Molex Electronics Ltd.
|
22-43-8140 22-43-8060 08-70-0102 MOLEXINC-22-43-81 |
Spox 2.5mm Hdr Assy 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Spox 2.5mm Hdr Assy 6 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Mini Spox Crimp Term 0.33 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
HDR-SR12E |
(HDR-SR11E / HDR-SR12E) Digital HD Video Camera Recoder
|
Sony
|
45970-3383 45970-3213 |
SEARAY Plug Asy #3 hgt w/ pegs 8X30 TL 240 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG SEARAY Plug Asy #2 hgt w/ pegs 10X30 TL
|
Molex, Inc. MOLEX INC
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
38720-6221 38729-0945 38729-0346 38720-7409 38720- |
SR BTS PC 21 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PCKT 4 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 10A 5 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 9 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 14 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC SS 3 ASY BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
826846-3 826849-3 826843-3 |
2 WAY VERTICAL SKT HDR 5 WAY VERTICAL SKT HDR 6 WAY VERTICAL PIN HDR 6未来路垂直的PIN人类发展报告
|
TE Connectivity, Ltd.
|
|